Part Number Hot Search : 
TLP3556 C400A SD400 HMC1081 2SC4695 C51TX SRM2016 AC166P07
Product Description
Full Text Search
 

To Download HFA08TB60S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFA08TB60S
Vishay High Power Products
HEXFRED(R) Ultrafast Soft Recovery Diode, 8 A
FEATURES
* * * * * *
Base cathode + 2
Ultrafast recovery Ultrasoft recovery Very low IRRM Very low Qrr Specified at operating conditions Designed and qualified for industrial level
BENEFITS
* * * * * Reduced RFI and EMI Reduced power loss in diode and switching transistor Higher frequency operation Reduced snubbing Reduced parts count
N/C
1
3
-
Anode
D2PAK
DESCRIPTION
HFA08TB60S is a state of the art ultrafast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available. With basic ratings of 600 V and 8 A continuous current, the HFA08TB60S is especially well suited for use as the companion diode for IGBTs and MOSFETs. In addition to ultrafast recovery time, the HEXFRED(R) product line features extremely low values of peak recovery current (IRRM) and does not exhibit any tendency to "snap-off" during the tb portion of recovery. The HEXFRED features combine to offer designers a rectifier with lower noise and significantly lower switching losses in both the diode and the switching transistor. These HEXFRED advantages can help to significantly reduce snubbing, component count and heatsink sizes. The HEXFRED HFA08TB60S is ideally suited for applications in power supplies (PFC boost diode) and power conversion systems (such as inverters), motor drives, and many other similar applications where high speed, high efficiency is needed.
PRODUCT SUMMARY
VR VF at 8 A at 25 C IF(AV) trr (typical) TJ (maximum) Qrr (typical) dI(rec)M/dt (typical) IRRM 600 V 1.7 V 8A 18 ns 150 C 65 nC 240 A/s 5.0 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER Cathode to anode voltage Maximum continuous forward current Single pulse forward current Maximum repetitive forward current Maximum power dissipation Operating junction and storage temperature range SYMBOL VR IF IFSM IFRM PD TJ, TStg TC = 25 C TC = 100 C TC = 100 C TEST CONDITIONS VALUES 600 8.0 60 24 36 14 - 55 to + 150 W C A UNITS V
Document Number: 93045 Revision: 22-Oct-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 1
HFA08TB60S
Vishay High Power Products
HEXFRED(R) Ultrafast Soft Recovery Diode, 8 A
ELECTRICAL SPECIFICATIONS (TJ = 25 C unless otherwise specified)
PARAMETER Cathode to anode breakdown voltage SYMBOL VBR IR = 100 A IF = 8.0 A Maximum forward voltage VFM IF = 16 A IF = 8.0 A, TJ = 125 C Maximum reverse leakage current Junction capacitance Series inductance IRM CT LS VR = VR rated TJ = 125 C, VR = 0.8 x VR rated VR = 200 V See fig. 2 See fig. 3 See fig. 1 TEST CONDITIONS MIN. 600 TYP. 1.4 1.7 1.4 0.3 100 10 8.0 MAX. 1.7 2.1 1.7 5.0 500 25 A pF nH V UNITS
Measured lead to lead 5 mm from package body
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 C unless otherwise specified)
PARAMETER Reverse recovery time See fig. 5, 6 SYMBOL trr trr1 trr2 Peak recovery current Reverse recovery charge See fig. 7 Peak rate of fall of recovery current during tb See fig. 8 IRRM1 IRRM2 Qrr1 Qrr2 dI(rec)M/dt1 dI(rec)M/dt2 TEST CONDITIONS IF = 1.0 A, dIF/dt = 200 A/s, VR = 30 V TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C IF = 8.0 A dIF/dt = 200 A/s VR = 200 V MIN. TYP. 18 37 55 3.5 4.5 65 124 240 210 MAX. 55 90 5.0 8.0 138 360 A/s A ns UNITS
nC
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER Lead temperature Thermal resistance, junction to case Thermal resistance, junction to ambient Weight Marking device Case style D2PAK SYMBOL Tlead RthJC RthJA Typical socket mount TEST CONDITIONS 0.063" from case (1.6 mm) for 10 s MIN. TYP. 2.0 0.07 MAX. 300 3.5 K/W 80 g oz. UNITS C
HFA08TB60S
www.vishay.com 2
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93045 Revision: 22-Oct-08
HFA08TB60S
HEXFRED(R) Vishay High Power Products Ultrafast Soft Recovery Diode, 8 A
IF - Instantaneous Forward Current (A)
100 1000 TJ = 150 C
IR - Reverse Current (A)
100 TJ = 125 C 10 1 0.1 TJ = 25 C 0.01 0.001
10 TJ = 150 C TJ = 125 C TJ = 25 C 1
0.1 0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
100
200
300
400
500
600
VFM - Forward Voltage Drop (V)
Fig. 1 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
100
VR - Reverse Voltage (V)
Fig. 2 - Typical Reverse Current vs. Reverse Voltage
CT - Junction Capacitance (pF)
10
TJ = 25 C
1 1 10 100 1000
VR - Reverse Voltage (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
10
ZthJC - Thermal Response
1
PDM
0.1 Single pulse (thermal response) 0.01 0.00001
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 0.001 0.01
t1 t2
Notes: 1. Duty factor D = t1/t2 2. Peak TJ = PDM x ZthJC + TC 0.1 1
0.0001
t1 - Rectangular Pulse Duration (s)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Document Number: 93045 Revision: 22-Oct-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 3
HFA08TB60S
Vishay High Power Products
80 IF = 16 A IF = 8 A IF = 4 A
HEXFRED(R) Ultrafast Soft Recovery Diode, 8 A
500 VR = 200 V TJ = 125 C TJ = 25 C
400
60
Qrr (nC)
trr (ns)
300
40
200
IF = 16 A IF = 8 A IF = 4 A
20 VR = 200 V TJ = 125 C TJ = 25 C 1000 100
0 100
0 100
1000
dIF/dt (A/s)
Fig. 5 - Typical Reverse Recovery Time vs. dIF/dt
dIF/dt (A/s)
Fig. 7 - Typical Stored Charge vs. dIF/dt
20 VR = 200 V TJ = 125 C TJ = 25 C
10 000 IF = 16 A IF = 8 A IF = 4 A
10
IF = 16 A IF = 8 A IF = 4 A
dI(rec)M/dt (A/s)
15
Irr (A)
1000
5
VR = 200 V TJ = 125 C TJ = 25 C 1000 100 100 1000
0 100
dIF/dt (A/s)
Fig. 6 - Typical Recovery Current vs. dIF/dt
dIF/dt (A/s)
Fig. 8 - Typical dI(rec)M/dt vs. dIF/dt
www.vishay.com 4
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93045 Revision: 22-Oct-08
HFA08TB60S
HEXFRED(R) Vishay High Power Products Ultrafast Soft Recovery Diode, 8 A
VR = 200 V
0.01 L = 70 H D.U.T.
dIF/dt adjust
D G IRFP250 S
Fig. 9 - Reverse Recovery Parameter Test Circuit
(3)
IF
0
trr ta tb
Qrr
(2)
(4)
IRRM
0.5 IRRM dI(rec)M/dt (5) 0.75 IRRM
(1) dIF/dt (1) dIF/dt - rate of change of current through zero crossing (2) IRRM - peak reverse recovery current (3) trr - reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current. (4) Qrr - area under curve defined by trr and IRRM Qrr = trr x IRRM 2
(5) dI(rec)M/dt - peak rate of change of current during tb portion of trr
Fig. 10 - Reverse Recovery Waveform and Definitions
LINKS TO RELATED DOCUMENTS Dimensions Part marking information Packaging information http://www.vishay.com/doc?95046 http://www.vishay.com/doc?95054 http://www.vishay.com/doc?95032
Document Number: 93045 Revision: 22-Oct-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of HFA08TB60S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X